PART |
Description |
Maker |
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
AT49LV321 AT49BV320 AT49BV321 AT49LV320 |
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory 32M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 32M bit. 3.0-Volt Read and 3.0-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot
|
ATMEL Corporation
|
AM29F200AB-90DWE1 AM29F200AT-90DWE AM29F200AT-90DW |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修1
|
Advanced Micro Devices, Inc.
|
AT49BV160C AT49BV160CT |
16 M bit, 2.7-Volt, Sectored Flash, Single Plane, Top or Bottom Boot.
|
Atmel
|
AT49BV320C AT49BV320CT |
32 M bit, 2.7 V Volt, Sectored Flash, Single Plane, Top or Bottom Boot.
|
Atmel
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
AM49DL322BGT85T AM49DL322BGT85S AM49DL323BGB70T AM |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装MCP)闪存和SRAM32兆位M × 8 2米x 16位)3.0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Advanced Micro Devices, Inc.
|
AM49DL32XBGB70IT AM49DL322BGB70 AM49DL322BGT85 AM4 |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
IDT72T1875L4-4BB IDT72T1865L4-4BBI IDT72T1885L4-4B |
2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 2.5伏高速TeraSync先进先出18-BIT/9-BIT配置 2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 2.5伏高TeraSync先进先出18-BIT/9-BIT配置 2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 128K X 18 OTHER FIFO, 3.4 ns, PBGA240 2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS 4K X 18 OTHER FIFO, 3.4 ns, PBGA144
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
AT49BV002AT AT49BV002ANT |
256K x 8 (2M bit), 2.7-Volt Read and 2.7-Volt Write, Top Boot Parametric Block Flash.
|
Atmel
|
AT49F1025 |
1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel
|
AT29C040A |
4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel
|